PART |
Description |
Maker |
AP2302AGN-HF |
Advanced Power MOSFE
|
TY Semiconductor Co., Ltd
|
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
IRFPC60LC-P IRFPC60LC-PPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247SM package TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 16A I(D) | TO-247AC 16 A, 600 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC TO-247AC, 3 PIN
|
International Rectifier Vishay Intertechnology, Inc.
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRFBC40 |
CAP CER 1000PF 100V 20% X7R 0603 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2A/ 600V/ 1.200 Ohm/ N-Channel Power MOSFET 6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
IRFU1N60A IRFR1N60A IRFR1N60ATR IRFR1N60ATRL IRFR1 |
600V Single N-Channel HEXFET Power MOSFET in a D-Pak package 600V Single N-Channel HEXFET Power MOSFET in a I-Pak package SMPS MOSFET Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
|
IRF[International Rectifier]
|
IRFIBC40G IRFIBC40 IRFIBC40GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A) Power MOSFET(Vdss=600V/ Rds(on)=1.2ohm/ Id=3.5A)
|
IRF[International Rectifier]
|
SI4860DY |
N-Channel MOSFET, 30V(D-S) , Reduced Qg, Fast-Switching N沟道MOSFET0V(D-S),Qg,快速开 N-Channel Reduced Qg, Fast Switching MOSFE
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
STW12NB60 7799 |
12 A, 600 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 CONNECTOR ACCESSORY N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh⑩II MOSFET From old datasheet system N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?II MOSFET N-CHANNEL 600V 0.5 OHM 12A TO-247 POWERMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HGT1S12N60A4S HGTG12N60A4 HGTP12N60A4 FN4656 HGT1S |
600V, SMPS Series N-Channel IGBT From old datasheet system 600V/ SMPS Series N-Channel IGBT 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS Series N-Channel IGBT(600V,SMPS系列 N沟道绝缘栅双极型晶体 54 A, 600 V, N-CHANNEL IGBT, TO-263AB 600V, SMPS Series N-Channel IGBT 54 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
INTERSIL[Intersil Corporation] Intersil, Corp. Fairchild Semiconductor, Corp.
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP25NM60N07 STB25NM60N STB25NM60N-1 STF25NM60N ST |
N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.140Ω - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.140楼? - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.140ヘ - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh⑩ Power MOSFET
|
http:// STMicroelectronics
|